PART |
Description |
Maker |
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71028 IDT71028S12Y IDT71028S12Y8 IDT71028S12YI |
256K x 4 Static RAM Corner Pwr & Gnd Pinout CMOS Static RAM
|
IDT
|
IS61LV6424 IS61LV6424-10TQ IS61LV6424-9TQ IS61LV64 |
64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
CY7C1049CV33 CY7C1049CV33-15ZXC CY7C1049CV33-10VC |
4-Mbit (512K x 8) Static RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 Static RAM 12k × 8静态RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C147-45DMB CY7C147-45PC CY7C147 CY7C147-25PC CY |
4K x 1 Static RAM 4K的1静态RAM 4K x 1 STATIC RAM 4K X 1 STANDARD SRAM, 25 ns, PDIP18
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
CY62158ELL-45ZSXI |
8-Mbit (1 M x 8) Static RAM Automatic power down when deselected MoBL® 8-Mbit (1M x 8) Static RAM 1M X 8 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
TC55257DFI-70L TC55257DFI-85L TC55257DFTI-70L TC55 |
32,768 WORD x 8 BIT STATIC RAM 32,768字8位静态RAM 32K Word x 8 Static RAM(32Kx 8 静RAM) 32K的字× 8静态RAM2K的字× 8静态RAM)的
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
S71JL064HA0 |
Stacked Multi-chip Product (MCP) Flash Memory And Psram CMOS 3.0Volt-only, Simultaneous Operation Flash Memories And Static RAM/pseudo-static RAM
|
AMD SPANSION
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|